Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-489 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-489
Description  GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-489 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-489 Datasheet HTML 1Page - Tyco Electronics SW-489 Datasheet HTML 2Page - Tyco Electronics SW-489 Datasheet HTML 3Page - Tyco Electronics SW-489 Datasheet HTML 4Page - Tyco Electronics SW-489 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SP3T 2.5V High Power Switch
SW-489
Specifications subject to change without notice.
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 1.04
2
Electrical Specifications: TA = 25°C, Z0 = 50Ω
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC – 1 GHz
1 – 2 GHz
2 - 2.5 GHz
dB
dB
dB
0.5
0.6
0.8
0.65
0.8
1.0
Isolation
DC – 1 GHz
1 – 2 GHz
2 - 2.5 GHz
dB
dB
dB
23
18
15
25
18.5
16
Return Loss
DC – 2.5 GHz
dB
20
P1dB
Vc = 0V/2.5V
dBm
38
2nd Harmonic
1 GHz, PIN = +34 dBm, Vc = 0V/2.5V
dBc
65
3rd Harmonic
1 GHz, PIN = +34 dBm, Vc = 0V/2.5V
dBc
65
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
1
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
µS
1
Transients
In Band
mV
10
Gate Leakage
|Vc| = 2.5V
uA
100
Cross Modulation
ANT - CELL3
ANT - PCS3
Two Tone +22 dBm, 1 MHz Spacing, 820 MHz,
Two Tone +19 dBm, 1 MHz Spacing, 1950 MHz,
dBm
dBm
59
57
Cross Modulation
ANT - CELL
ANT - PCS
Two Tones +22 dBm @ 820 & 821 MHz,
One Tone –27 dBm @ 865 MHz
Two Tones +17 dBm @ 1950 & 1951 MHz,
One Tone –27 dBm @ 1870 MHz
dBm
dBm
-108
TBD
2.
Insertion Loss can be optimized by varying the DC Blocking Capacitor value, ie. 1000 pF for 100 MHz - 500 MHz, 100 pF for
0.5 GHz - 2.5 GHz.
V1
V2
V3
ANT– RF1
ANT - RF2
ANT - RF3
+2.5 to +5V
0 + 0.2V
0 + 0.2V
On
Off
Off
0 + 0.2V
+2.5 to +5V
0 + 0.2V
Off
On
Off
0 + 0.2V
0 + 0.2V
+2.5 to +5V
Off
Off
On
Truth Table 4
4.
External DC blocking capacitors are required on all RF ports
3.
IP3 slope versus input power is approximately 1.5:1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com