Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-488SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-488SMB
Description  2 V Dual-Mode WCDMA & Dual-Band GSM/DCS Switch 0.5 . 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-488SMB Datasheet(HTML) 3 Page - Tyco Electronics

  SW-488SMB Datasheet HTML 1Page - Tyco Electronics SW-488SMB Datasheet HTML 2Page - Tyco Electronics SW-488SMB Datasheet HTML 3Page - Tyco Electronics SW-488SMB Datasheet HTML 4Page - Tyco Electronics SW-488SMB Datasheet HTML 5Page - Tyco Electronics SW-488SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2V Control, Dual -Mode WCDMA & Dual-Band GSM/DCS Tx/Rx Switch
SW-488
V1.2
The Preliminary Specifications Data Sheet Contains Typical Electrical Specifications Which May Change Prior to Final Introduction
.
M/A-COM, Inc.
3
North America: Tel. (800) 366 -2266
♦
Asia/Pacific: Tel. +81 3 3263-8761
♦
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Pin Configuration
Pin No.
Pin Name
Description
1
ANT2
GSM ANT Port
2
GND
RF Ground
3
GRX
GSM Rx Port
4
GND
RF Ground
5
GTX
GSM Tx Port
6
GND
Decoder GND
7
VDD
Decoder Vdd
8
BS
Control 1
9
TXS
Control 2
10
PRXON
Control 3
11
GND
RF Ground
12
DCS TX
DCS Tx Port
13
GND
RF Ground
14
DCSRX_S
DCS Rx Shunt
15
DCSRX
DCS Rx Port
16
GND
RF Ground
17
ANT 1
WCDMA/DCS ANT
18
GND
RF Ground
19
WCDMA
WCDMA Port
20
GND
RF Ground
21
GND
Paddle
Truth Table
BS
TXS
PRXON
MODE
0
0
0
GSM RX – ANT2
WCDMA – ANT1
0
1
0
GSM TX – ANT2
1
1
0
DCS TX – ANT1
1
0
0
DCS RX – ANT1
Logic Level
Voltage Level
VLo “0”=
0 V
VHi “1”=
2.5 V
Block Diagram
ANT2
GND
GRX
GND
GTX
DRX
DRXS
GND
DTX
GND
Decoder



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com