Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW65-0313 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW65-0313
Description  GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW65-0313 Datasheet(HTML) 2 Page - Tyco Electronics

  SW65-0313 Datasheet HTML 1Page - Tyco Electronics SW65-0313 Datasheet HTML 2Page - Tyco Electronics SW65-0313 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP2T Absorptive Switch with ASIC Driver, DC - 3.0 GHz
SW65-0313
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 8.00
2
Recommended PCB Layout
Pin #
Function
Pin #
Function
1
VEE
9
RFC
2
N/C
10
GND
3
GND
11
RF1
4
N/C
12
GND
5
GND
13
N/C
6
RF2
14
GND
7
GND
15
VCC
8
GND
16
C1
Pin Configuration
2
2. N/C = No Connection
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VEE
VCC
Control Voltage
5
-8.5V
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
3,4
3.
Operation of this device above any one of these
parameters may cause permanent damage.
4.
When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
5.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
C1
RF1
RF2
0
On
Off
1
Off
On
Truth Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com