Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW90-0004 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW90-0004
Description  GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0004 Datasheet(HTML) 2 Page - Tyco Electronics

  SW90-0004 Datasheet HTML 1Page - Tyco Electronics SW90-0004 Datasheet HTML 2Page - Tyco Electronics SW90-0004 Datasheet HTML 3Page - Tyco Electronics SW90-0004 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SP6T Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0004
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
2
Pin Configuration
1,2,3
Pin No.
Function
Pin No.
Function
1
CP2
19
GND
2
VEE
20
NC
3
NC
21
GND
4
C6
22
RFC
5
C5
23
GND
6
C4
24
GND
7
C3
25
RF4
8
C2
26
GND
9
C1
27
RF5
10
NC
28
GND
11
GND
29
RF6
12
NC
30
GND
13
GND
31
NC
14
RF1
32
VEE
15
GND
33
Vcc
16
RF2
34
NC
17
GND
35
NC
18
RF3
36
CP1
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VCC
Control Voltage
6
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
4,5
Recommended PCB Layout
7
Functional Schematic
4.
Operation of this device above any one of these
parameters may cause permanent damage.
5.
When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
6.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
1. NC = No Connection
2. VEE is internally generated and must remain isolated from
external power supplies.
3. Connections and external components shown in functional
schematic are required. 0.1µF Capacitors need to be lo-
cated near pins 32 & 33.
7. Application Note C2083 is available on line at
www.macom.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com