Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1021 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P3C1021
Description  HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1021 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P3C1021 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1021 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM134 REV OR
Revised April 2007
P3C1021
HIGH SPEED 64K x 16 (1 MEG)
STATIC CMOS RAM
High Speed (Equal Access and Cycle Times)
— 10/12/15/20 ns (Commercial)
— 12/15/20 ns (Industrial)
Low Power
— 325 mW (max.)
Single 3.3V ± 0.3V Power Supply
Easy Memory Expansion Using CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
1519B
FEATURES
DESCRIPTION
The P3C1021 is a 65,536 words by 16 bits high-speed
CMOS static RAM. The CMOS memory requires no
clocks or refreshing, and has equal access and cycle
times. Inputs are fully TTL-compatible. The RAM oper-
ates from a single 3.3V ± 0.3V tolerance power
supply.
Access times as fast as 10 nanoseconds permit greatly
enhanced system operating speeds. CMOS is utilized
to reduce power consumption to a low level. The P3C1021
is a member of a family of PACE RAM™ products offer-
ing fast access times.
The P3C1021 device provides asynchronous operation
with matching access and cycle times. Memory loca-
tions are specified on address pins A
0 to A15. Reading is
accomplished by device selection (CE and output en-
abling (OE) while write enable (WE) remains HIGH. By
presenting the address under these conditions, the data
in the addressed memory location is presented on the
data input/output pins. The input/output pins stay in the
HIGH Z state when either CE or OE is HIGH or WE is
LOW.
Package options for the P3C1021 include 44-pin SOJ
and TSOP packages.
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Fast t
OE
Automatic Power Down when deselected
Packages
—44-Pin SOJ, TSOP II
SOJ
TSOPII


Similar Part No. - P3C1021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55SC PYRAMID-P3C1024L55SC Datasheet
114Kb / 10P
ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55SI PYRAMID-P3C1024L55SI Datasheet
114Kb / 10P
ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55TC PYRAMID-P3C1024L55TC Datasheet
114Kb / 10P
ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P3C1021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
71016S RENESAS-71016S Datasheet
201Kb / 10P
CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com