Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1256L85TMLF Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P3C1256L85TMLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L85TMLF Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P3C1256L85TMLF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L85TMLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 5
Document # SRAM143 REV A
AC CHARACTERISTICS—WRITE CyCLE
(Over Recommended Operating Temperature & Supply Voltage)
Symbol Parameter
-55
-70
-85
Unit
Min
Max
Min
Max
Min
Max
t
WC
Write Cycle Time
55
70
85
ns
t
CW
Chip Enable Time to End of Write
50
60
75
ns
t
AW
Address Valid to End of Write
50
60
75
ns
t
AS
Address Setup Time
0
0
0
ns
t
WP
Write Pulse Width
40
50
60
ns
t
AH
Address Hold Time
0
0
0
ns
t
DW
Data Valid to End of Write
25
30
35
ns
t
DH
Data Hold Time
0
0
0
ns
t
WZ
Write Enable to Output in High Z
25
30
35
ns
t
OW
Output Active from End of Write
5
5
5
ns
TIMIng WAVEFORM OF WRITE CyCLE nO. 1 (WE COnTROLLED)(10,11)
Notes:
10. CE and WE must be LOW for WRITE cycle.
11. OE is LOW for this WRITE cycle to show t
WZ and tOW.
12. If CE goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state
13. Write Cycle Time is measured from the last valid address to the first
transitioning address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com