Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C164LL-8006ILF Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C164LL-8006ILF
Description  VERY LOW POWER 8Kx8 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164LL-8006ILF Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C164LL-8006ILF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164LL-8006ILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
P4C164LL - VERY LOW POWER 8K x 8 STATIC CMOS RAM
Page 3
Document # SRAM116 REV 04
CAPACITAnCES(4)
Symbol
Parameter
Test Conditions
Max
Unit
C
IN
Input Capacitance
V
IN = 0V
7
pF
C
OUT
Output Capacitance
V
OUT = 0V
9
pF
POWER DISSIPATIOn CHARACTERISTICS VS. SPEED
Symbol
Parameter
Temperature Range
*
-80
-90
-100
-120
Unit
I
CC
Dynamic Operating Current
Com / Ind / Military
55
55
55
55
mA
* Tested with outputs open and all address and data inputs changing at the maximum write-cycle rate. The device is continuously
enabled for writing, i.e. CE
1 and WE ≤ VIL (max), OE is high. Switching inputs are 0V and 3V.
Sym Parameter
-80
-90
-100
-120
Unit
Min
Max
Min
Max
Min
Max
Min
Max
t
RC
Read Cycle Time
80
90
100
120
ns
t
AA
Address Access Time
80
90
100
120
ns
t
AC
Chip Enable Access Time
80
90
100
120
ns
t
OH
Output Hold from Address Change
10
10
10
10
ns
t
LZ
Chip Enable to Output in Low Z
10
10
10
10
ns
t
HZ
Chip Disable to Output in High Z
30
30
30
30
ns
t
OE
Output Enable Low to Data Valid
40
40
40
40
ns
t
OLZ
Output Enable Low to Low Z
5
5
5
5
ns
t
OHZ
Output Enable High to High Z
20
20
20
20
ns
t
PU
Chip Enable to Power Up Time
0
0
0
0
ns
t
PD
Chip Disable to Power Down Time
80
90
100
120
ns
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(Over Recommended Operating Temperature & Supply Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com