Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYA28C010-12FSM Datasheet(PDF) 13 Page - Pyramid Semiconductor Corporation

Part # PYA28C010-12FSM
Description  Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C010-12FSM Datasheet(HTML) 13 Page - Pyramid Semiconductor Corporation

Back Button PYA28C010-12FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 11Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 12Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 13Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 14Page - Pyramid Semiconductor Corporation PYA28C010-12FSM Datasheet HTML 15Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
PYA28C010 - 128K x 8 EEPROM
Page 13
Document # EEPROM103 REV 03
SIDE BRAZED DUAL In-LInE PACkAgE (600 mils)
Pkg #
C10
# Pins
32 (600 mil)
Symbol
Min
Max
A
-
0.225
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.680
E
0.510
0.620
eA
0.600 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.070
S1
0.005
-
S2
0.005
-
Pkg #
FS-3
# Pins
32
Symbol
Min
Max
A
0.097
0.125
b
0.015
0.019
c
0.003
0.009
D
-
0.830
E
0.400
0.420
E1
-
0.450
E2
0.180
-
E3
0.030
-
e
0.050 BSC
L
0.250
0.370
Q
0.020
0.045
S
-
0.045
S1
0.000
-
M
-
0.002
N
32
SOLDER SEAL FLAT PACkAgE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com