Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYA28C010-20FSM Datasheet(PDF) 10 Page - Pyramid Semiconductor Corporation

Part # PYA28C010-20FSM
Description  Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C010-20FSM Datasheet(HTML) 10 Page - Pyramid Semiconductor Corporation

Back Button PYA28C010-20FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 11Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 12Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 13Page - Pyramid Semiconductor Corporation PYA28C010-20FSM Datasheet HTML 14Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PYA28C010 - 128K x 8 EEPROM
Page 10
Document # EEPROM103 REV 03
AC TEST COnDITIOnS
TRUTH TABLE
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
10ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figure 1
Mode
CE
OE
WE
I/O
Read
L
L
H
D
OUT
Write
L
H
L
D
IN
Write Inhibit
x
L
x
—
Write Inhibit
x
x
H
—
Standby
H
x
x
High Z
Figure 1. Output Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com