Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYA28C256-25CWM Datasheet(PDF) 13 Page - Pyramid Semiconductor Corporation

Part # PYA28C256-25CWM
Description  Access Times of 150, 200, 250 and 350ns Software Data Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C256-25CWM Datasheet(HTML) 13 Page - Pyramid Semiconductor Corporation

Back Button PYA28C256-25CWM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 11Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 12Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 13Page - Pyramid Semiconductor Corporation PYA28C256-25CWM Datasheet HTML 14Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
PYA28C256 - 32K x 8 EEPROM
Page 13
Document # EEPROM104 REV 03
SIDE BRAZED DUAL In-LInE PACkAgE (600 mils)
Pkg #
L6
# Pins
32
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.442
0.458
D1
0.300 BSC
D2
0.150 BSC
D3
-
0.458
E
0.540
0.560
E1
0.400 BSC
E2
0.200 BSC
E3
-
0.558
e
0.050 BSC
h
0.040 REF
j
0.020 REF
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
7
NE
9
RECTAngULAR LEADLESS CHIP CARRIER
Pkg #
C5-1
# Pins
28 (600 mil)
Symbol
Min
Max
A
-
0.232
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D
-
1.490
E
0.500
0.610
eA
0.600 BSC
e
0.100 BSC
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com