Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PYA28C010-12FSMB Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # PYA28C010-12FSMB
Description  Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C010-12FSMB Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button PYA28C010-12FSMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation PYA28C010-12FSMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PYA28C010 - 128K x 8 EEPROM
Page 11
Document # EEPROM103 REV 03
APPLICATIOn nOTE - SOFTWARE CHIP ERASE
CHIP ERASE CYCLE CHARACTERISTICS
notes:
Data Format: (Hex); Address Format: (Hex).
1.
After loading the 6-byte code, no byte loads are
2.
allowed until the completion of the erase cycle.
The erase cycle will time itself to completion
in 20 ms (max).
The flow diagram shown is for a x8 part. For a
3.
x16 part, the data should be 16 bits long (e.g.,
the data to be loaded should be AAAA for step
1 in the algorithm).
CHIP ERASE SOFTWARE ALgORITHM(1)(3)
The entire device can be erased at one time by using a 6-byte software code. The software chip erase code consists of
6-byte load commands to specific address locations with specific data patterns. Once the code has been entered, the
device will set each byte to the high state (FFH). After the software chip erase has been initiated, the device will inter-
nally time the erase operation so that no external clocks are required. The maximum time required to erase the whole
chip is t
EC (20 ms). The software data protection is still enabled even after the software chip erase is performed.
Symbol
Parameter
t
EC
Chip Erase Cycle Time
20 ms Max
notes:
OE
1.
must be high only when WE and CE are both low.
CHIP ERASE CYCLE WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com