Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1281-35JM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1281-35JM
Description  ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1281-35JM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1281-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1281-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document # SRAM136 REV OR
Revised July 2009
P4C1281/P4C1282
ULTRA HIGH SPEED 64K X 4
cmoS STATIc RAmS
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 12/15/20/25 ns (Commercial)
– 15/20/25/35 ns (Industrial)
– 20/25/35/45 ns (Military)
Low Power Operation
5V ± 10% Power Supply
Separate Inputs and Outputs
– P4C1281 Input Data at Outputs during Write
– P4C1282 Outputs in High Z during Write
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil DIP, SOJ
– 28-Pin 350 x 550 mil LCC
FUnCTIOnAL BLOCk DIAgRAM
PIn COnFIgURATIOnS
DIP (P5, C5, D5-2), SOJ (J5)
DESCRIPTIOn
The P4C1281 and P4C1282 are 262,144-bit (64Kx4) ultra
high-speed static RAMs similar to the P4C1258, but with
separate data I/O pins. The P4C1281 features a transpar-
ent write operation; the outputs of the P4C1282 are in high
impedance during the write cycle. The RAMs operate from
a single 5V ± 10% tolerance power supply.
Access times as fast as 12 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption.
The P4C1281 and P4C1282 are available in 28-pin 300
mil DIP and SOJ, and a 28-pin 350x550 mil LCC providing
excellent board level densities.
LCC (L5)


Similar Part No. - P4C1281-35JM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C1256-12CC ETC1-P4C1256-12CC Datasheet
89Kb / 8P
HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1281-35JM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com