Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C1981L-10DM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1981L-10DM
Description  ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1981L-10DM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1981L-10DM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1981L-10DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Document # SRAM114 REV B
Revised August 2006
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 12/15/20/25/35 ns (Industrial)
– 15/20/25/35/45 ns (Military)
Low Power Operation (Commercial/Military)
Output Enable and Dual Chip Enable Functions
5V ± 10% Power Supply
Data Retention with 2.0V Supply, 10 µA Typical
Current (P4C1981L/1982L Military)
Separate Inputs and Outputs
– P4C1981/L Input Data at Outputs during Write
– P4C1982/L Outputs in High Z during Write
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 28-Pin 300 mil DIP, SOJ
– 28-Pin 350 x 550 mil LCC
– 28-Pin CERPACK
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
The P4C1981/L and P4C1982/L are 65,536-bit (16Kx4)
ultra high-speed static RAMs similar to the P4C198, but
with separate data I/O pins. The P4C1981/L feature a
transparent write operation when OE is low; the outputs
of the P4C1982/L are in high impedance during the write
cycle. All devices have low power standby modes. The
RAMs operate from a single 5V ± 10% tolerance power
supply. With battery backup, data integrity is maintained
for supply voltages down to 2.0V. Current drain is
typically 10 µA from 2.0V supply.
DESCRIPTION
Access times as fast as 10 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption. For the
P4C1982L and P4C1981L, power is only 5.5 mW standby
with CMOS input levels.
TheP4C1981/LandP4C1982/Lareavailablein28-pin300
mil DIP and SOJ, 28-pin 350x550 mil LCC and a 28-pin
CERPACK package providing excellent board level den-
sities.
DIP (P5, C5, D5-2), SOJ (J5)
CERPACK (F4) SIMILAR
LCC (L5)
P4C1981/P4C1981L, P4C1982/P4C1982L
ULTRA HIGH SPEED 16K x 4
CMOS STATIC RAMS
P4C1981/ 1982


Similar Part No. - P4C1981L-10DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1981L-10DM ETC1-P4C1981L-10DM Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C1981L-10DMB ETC1-P4C1981L-10DMB Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results

Similar Description - P4C1981L-10DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com