Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6157 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6157
Description  SPDT Electromechanical Relay Switch DC to 12.4 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6157 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6157 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6157 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6157 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6157 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Environment
Designed to Meet MIL-DTL-3928
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 28V Control with Indicators, Latching, TTL from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 28V Control with Indicators,
Latching, TTL PE71S6157
URL:
http://www.pasternack.com/n-spdt-electromechanical-relay-switch-12.4-ghz-indicators-latching-ttl-logic-pe71s6157-p.
aspx
PE71S6157
PE71S6157 REV 1.0
SPDT Electromechanical Relay Switch DC to 12.4 GHz,
N, 50 Watts, 28V Control with Indicators, Latching, TTL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com