Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBA1404PPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBA1404PPBF
Description  Advanced Process Technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1404PPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFBA1404PPBF Datasheet HTML 1Page - International Rectifier IRFBA1404PPBF Datasheet HTML 2Page - International Rectifier IRFBA1404PPBF Datasheet HTML 3Page - International Rectifier IRFBA1404PPBF Datasheet HTML 4Page - International Rectifier IRFBA1404PPBF Datasheet HTML 5Page - International Rectifier IRFBA1404PPBF Datasheet HTML 6Page - International Rectifier IRFBA1404PPBF Datasheet HTML 7Page - International Rectifier IRFBA1404PPBF Datasheet HTML 8Page - International Rectifier IRFBA1404PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFBA1404PPbF
HEXFET® Power MOSFET
Description
S
D
G
09/22/10
www.irf.com
1
Absolute Maximum Ratings
°C
VDSS = 40V
RDS(on) = 3.7mΩ
ID = 206A
†
Super-220™
Benefits
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Increase Current Handling Capability
l
175°C Operating Temperature
l
Fast Switching
l
Dynamic dv/dt Rating
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
206
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
145
†
A
IDM
Pulsed Drain Current

650
PD @TC = 25°C
Power Dissipation
300
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
480
mJ
IAR
Avalanche Current

See Fig.12a, 12b, 14, 15
A
EAR
Repetitive Avalanche Energy

mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-40 to + 175
TSTG
Storage Temperature Range
-55 to + 175
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Recommended clip force
20
N
This Stripe Planar design of HEXFET® Power MOSFETs utilizes the latest
processing techniques to achieve extremely low on-resistance per silicon area.
Additional features of this MOSFET are a 175oC junction operating tempera-
ture, fast switching speed and improved ruggedness in single and repetitive
avalanche. The Super-220 TM is a package that has been designed to have the
same mechanical outline and pinout as the industry standard TO-220 but can
house a considerably larger silicon die. The result is significantly increased
current handling capability over both the TO-220 and the much larger TO-247
package. The combination of extremely low on-resistance silicon and the
Super-220 TM package makes it ideal to reduce the component count in
multiparalled TO-220 applications, reduce system power dissipation, upgrade
existing designs or have TO-247 performance in a TO-220 outline.
These benefits make this design an extremely efficient and reliable device for
use in a wide variety of applications.
Typical Applications
l
Industrial Motor Drive
PD - 95903A


Similar Part No. - IRFBA1404PPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1404PPBF IRF-IRFBA1404PPBF Datasheet
148Kb / 10P
AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
More results

Similar Description - IRFBA1404PPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com