Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6113 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6113
Description  SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6113 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6113 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6113 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6113 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6113 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TECHNICAL DATA SHEET
The PE71S6113 is Transfer Switch that operates from DC to 26.5 GHz. The switch has a failsafe actuator, Indicators and 1M
life cycles. The switch has an operating voltage of 28 Volts and has TTL Control.
Features
• SPDT Switch
• DC to 26.5 GHz Operating Frequency Range
• 1 M Cycles min
• Failsafe Switch
• Indicators
• TTL Control
• Switching Sequence Break Before Make
Applications
• Test & Measurement
• Communications System
• Instrumentation
Electrical Specifications
Frequency Range
DC to 26.5 GHz
Impedance
50 Ohms
Actuator
Indicators, Failsafe, TTL Logic
Actuating Current
375 mA
Control Voltage
28 Volts
RF Input Power (Max CW)
30 Watts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 4
4 to 8
8 to 12
12 to 18
18 to 26.5
GHz
VSWR, Max
1.2:1
1.3:1
1.3:1
1.5:1
1.5:1
Insertion Loss, Max
0.2
0.3
0.4
0.5
0.5
dB
Isolation, Min
80
75
70
60
60
dB
.
Mechanical Specifications
Connector Type
SMA Female
Operating Life
1,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
<35 ms Typ
Environmental Specifications
Temperature
Operating Range
-25 to +65 deg C
Environment
MIL-DTL-3928
.
Housing Material and Plating
Aluminum
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Transfer Electromechanical Relay Switch DC to 26.5 GHz, SMA, 30 Watts, 28V Control
with Indicators, Failsafe, TTL PE71S6113
PE71S6113
PE71S6113 REV 1.0
Transfer Electromechanical Relay Switch DC to 26.5 GHz,
SMA, 30 Watts, 28V Control with Indicators, Failsafe, TTL


Similar Part No. - PE71S6113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6110 PASTERNACK-PE71S6110 Datasheet
423Kb / 4P
DPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
SPDT Switch
PE71S6114 PASTERNACK-PE71S6114 Datasheet
433Kb / 4P
SPDT Switch
PE71S6115 PASTERNACK-PE71S6115 Datasheet
433Kb / 4P
SPDT Switch
More results

Similar Description - PE71S6113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
SPDT Switch
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
SPDT, Switch
April, 2007 ??Rev. 0
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com