Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFI4410ZPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFI4410ZPBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI4410ZPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFI4410ZPBF Datasheet HTML 1Page - International Rectifier IRFI4410ZPBF Datasheet HTML 2Page - International Rectifier IRFI4410ZPBF Datasheet HTML 3Page - International Rectifier IRFI4410ZPBF Datasheet HTML 4Page - International Rectifier IRFI4410ZPBF Datasheet HTML 5Page - International Rectifier IRFI4410ZPBF Datasheet HTML 6Page - International Rectifier IRFI4410ZPBF Datasheet HTML 7Page - International Rectifier IRFI4410ZPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFI4410ZPbF
2
www.irf.com
S
D
G
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.91mH
RG = 25Ω, IAS = 26A, VGS =10V. Part not recommended for use
above this value.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ Rθ is measured at TJ approximately 90°C
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
95
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.9
9.3
m
V
GS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG(int)
Internal Gate Resistance
–––
0.9
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
80
–––
–––
S
Qg
Total Gate Charge
–––
81
110
nC
Qgs
Gate-to-Source Charge
–––
18
–––
Q
gd
Gate-to-Drain ("Miller") Charge
–––
23
–––
td(on)
Turn-On Delay Time
–––
15
–––
ns
tr
Rise Time
–––
27
–––
td(off)
Turn-Off Delay Time
–––
43
–––
t
f
Fall Time
–––
30
–––
Ciss
Input Capacitance
–––
4910 –––
pF
Coss
Output Capacitance
–––
330
–––
Crss
Reverse Transfer Capacitance
–––
150
–––
C
oss eff. (ER)
Effective Output Capacitance (Energy Related) –––
420
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
–––
680
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
43
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
170
A
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
47
71
ns
TJ = 25°C
VR = 85V,
–––
54
81
T
J = 125°C
I
F = 26A
Qrr
Reverse Recovery Charge
–––
110
160
nC TJ = 25°C
di/dt = 100A/μs e
–––
140
210
T
J = 125°C
IRRM
Reverse Recovery Current
–––
2.5
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 10V e
V
GS = 0V
V
DS = 50V
Conditions
V
DS = 50V, ID = 26A
ID = 26A
VGS = 10V e
V
DD = 65V
I
D = 26A
RG = 2.7
VDS = VGS, ID = 150μA
V
DS = 100V, VGS = 0V
V
DS = 100V, VGS = 0V, TJ = 125°C
VDS = 50V
VGS = 20V
VGS = -20V
Conditions
V
GS = 0V, ID = 250μA
Reference to 25°C, I
D = 5mAe
VGS = 10V, ID = 26A e
p-n junction diode.
TJ = 25°C, IS = 26A, VGS = 0V e
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V h, See Fig.11
V
GS = 0V, VDS = 0V to 80V gÃ
Conditions
MOSFET symbol
showing the
integral reverse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com