Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6017 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC6017
Description  Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6017 Datasheet(HTML) 5 Page - ON Semiconductor

  2SC6017 Datasheet HTML 1Page - ON Semiconductor 2SC6017 Datasheet HTML 2Page - ON Semiconductor 2SC6017 Datasheet HTML 3Page - ON Semiconductor 2SC6017 Datasheet HTML 4Page - ON Semiconductor 2SC6017 Datasheet HTML 5Page - ON Semiconductor 2SC6017 Datasheet HTML 6Page - ON Semiconductor 2SC6017 Datasheet HTML 7Page - ON Semiconductor 2SC6017 Datasheet HTML 8Page - ON Semiconductor 2SC6017 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SA2169 / 2SC6017
No.8275-5/10
0.01
1.0
7
5
3
2
7
5
3
2
0.1
3
10
5
7
3
2
2
IT09360
A S O
0.1
1.0
23
5
7
23
5
7
2
7
5
3
10
2SA2169 / 2SC6017
Tc=25
°C
Single Pulse
For PNP minus sign is omitted.
ICP=13A (PW≤100μs)
IC=10A
10
μs
100ms
0
0.2
0.4
0.6
0.8
1.0
0.95
0
20
40
60
80
100
120
140
160
PC -- Ta
IT09361
2SA2169 / 2SC6017
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
0
PC -- Tc
IT09362
5
10
20
15
25
0
20
40
60
80
100
120
140
160
2SA2169 / 2SC6017
Case Temperature, Tc --
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com