Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4134 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SC4134
Description  Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4134 Datasheet(HTML) 2 Page - ON Semiconductor

  2SC4134 Datasheet HTML 1Page - ON Semiconductor 2SC4134 Datasheet HTML 2Page - ON Semiconductor 2SC4134 Datasheet HTML 3Page - ON Semiconductor 2SC4134 Datasheet HTML 4Page - ON Semiconductor 2SC4134 Datasheet HTML 5Page - ON Semiconductor 2SC4134 Datasheet HTML 6Page - ON Semiconductor 2SC4134 Datasheet HTML 7Page - ON Semiconductor 2SC4134 Datasheet HTML 8Page - ON Semiconductor 2SC4134 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SC4134
No.2510-2/9
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
0.8
W
Tc=25°C10
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=100V, IE=0A
100
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
100
nA
DC Current Gain
hFE
VCE=5V, IC=100mA
100*
400*
Gain-Bandwidth Product
fT
VCE=10V, IC=100mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
8.5
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=400mA, IB=40mA
0.1
0.4
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=400mA, IB=40mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
120
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit.
80
ns
Storage Time
tstg
850
ns
Fall Time
tf
50
ns
* : The 2SC4134 is classified by 100mA hFE as follows :
Rank
R
S
T
hFE
100 to 200
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SC4134S-E
TP
500pcs./bag
Pb Free
2SC4134T-E
TP
500pcs./bag
2SC4134S-TL-E
TP-FA
700pcs./reel
2SC4134T-TL-E
TP-FA
700pcs./reel
VR
RL
--5V
50V
IC=10IB1= --10IB2=400mA
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
DC≤1%
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com