Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6095 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC6095
Description  Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6095 Datasheet(HTML) 3 Page - ON Semiconductor

  2SC6095 Datasheet HTML 1Page - ON Semiconductor 2SC6095 Datasheet HTML 2Page - ON Semiconductor 2SC6095 Datasheet HTML 3Page - ON Semiconductor 2SC6095 Datasheet HTML 4Page - ON Semiconductor 2SC6095 Datasheet HTML 5Page - ON Semiconductor 2SC6095 Datasheet HTML 6Page - ON Semiconductor 2SC6095 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC6095
No. A0411-3/7
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Ta
=75
°C
--25
°C
IT11076
25
°C
0.01
3
25
0.1
73
25
7
3
25
1.0
0.1
0.01
5
3
2
7
5
3
7
2
2.0
1.6
1.2
0.8
0.4
0
2.5
2.0
1.5
0.5
1.0
0
0.2
0
0.4
0.6
0.8
1.0
IT11070
5mA
10mA
20mA
40mA
IB=0mA
2mA
1mA
VCE=5V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT11071
5
5
3
3
2
100
10
7
7
IT11074
Ta
=75
°C
--25
°C
IT11075
IC / IB=10
25
°C
3
1.0
2
3
Ta= --25°C
25°C
75°C
2
7
5
IC / IB=10
IT11077
Ta=75°C
25°C
--25
°C
7
100
1000
7
5
3
3
2
5
0.01
3
25
0.1
73
25
7
2
3
1.0
5
0.01
3
25
0.1
73
25
7
2
3
1.0
7
100
10
1000
5
3
2
7
5
3
2
0.01
3
25
0.1
73
25
7
3
25
1.0
0.1
3
25
1.0
73
25
7
2
3
10
57 100
0.1
0.01
5
3
2
7
5
3
7
5
3
2
0.01
3
25
0.1
73
25
7
2
3
1.0
5
VCE=5V
IT11072
IT11073
IC / IB=20
VCE=10V
f=1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com