Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1685F Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SD1685F
Description  Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TO-126ML
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1685F Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1685F Datasheet HTML 1Page - ON Semiconductor 2SD1685F Datasheet HTML 2Page - ON Semiconductor 2SD1685F Datasheet HTML 3Page - ON Semiconductor 2SD1685F Datasheet HTML 4Page - ON Semiconductor 2SD1685F Datasheet HTML 5Page - ON Semiconductor 2SD1685F Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1685
No.2042-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=50V, IE=0A
100
nA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0A
100
nA
DC Current Gain
hFE1VCE=2V, IC=500mA
120*
560*
hFE2VCE=2V, IC=3A
95
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
120
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
45
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=3A, IB=60mA
220
500
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=3A, IB=60mA
1.5
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
20
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
6
V
Turn-ON Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
300
ns
Fall Time
tf
40
ns
* : The 2SD1685 is classified by 500mA hFE as follows :
Rank
E
F
G
hFE
120 to 200
160 to 320
280 to 560
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SD1685G
TO-126ML
200pcs./bag
Pb Free
2SD1685F
TO-126ML
200pcs./bag
VR
RB
+
+
50Ω
INPUT
OUTPUT
RL
5Ω
100μF
470μF
PW=20μs
IB1
D.C.
≤1%
IB2
IC=10IB1= --10IB2=2A
VCC=10V
VBE= --5V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
5
4
3
2
1
0
01
2
3
5
4
IB=0mA
ITR10012
40mA
30mA
20mA
15mA
10mA
5mA
5
4
3
2
1
0
0
0.2
0.4
0.6
1.0
0.8
IB=0mA
60mA
50mA
40mA
30mA
20mA
15mA
10mA
5mA
ITR10013



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com