Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3301 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3301
Description  1.5MHz Fixed-Frequency PWM Operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3301 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3301 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3301 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3301 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3301 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3301 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3301 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP3301
LP3301-datasheet
Dec.-2005
1
-1
1.5MHz Step-up DC/DC Converter
General Description
The LP3301 is a 1.5MHz PWM boost
switching regulator designed for constant-
Voltage driver applications.
The
LP3301
implements
a
constant
frequency 1.5MHz PWM control scheme. The
high frequency PWM operation also saves
board space by reducing external component
sizes. To improve efficiency, the feedback
voltage is set to 1.25V.
Highly integration and internal compensation
network minimizes as 5 external component
counts. Optimized operation frequency can
meet the requirement of small LC filters value
and
low
operation
current
with
high
efficiency.
Ordering Information
LP3301
□ □
F:Pb-Free
Package Type
B5: SOT-23-5
Features
High Efficiency: 85%
1.5MHz Fixed-Frequency PWM Operation
36V 500mA Integrated switch
Shutdown Supply Current:<1uA
Available in SOT23-5 Package
Built-in Over Voltage Protection of 29V
Minimize the External Component
RoHS Compliant and 100% Lead
(Pb)-Free
Pin Configurations
Applications
LCD Bias Supply
OLED Driver
GPS/PDA/Mobile phone
Marking information
Please view website.
Typical Application Circuit
0.1uF
1uF
1uF
24V
R2
10uH
R1
Vin
3
1
IN5819
GND
2
SHDN
4
FB
3
Vin
5
SW
1
LP3301
4.7uF
LP3301 Boost Circuit for LCD Bias
LP3301 Boost Circuit
Vout=(R1/R2+1)X1.25 V
0.1uF
4.7uF
Vout=(R1/R2+1)X1.25 V
182K
10K
ON/OFF
10uF
1
3
2
BAT54
+15V
100K
10uH
1.1M
Vin
1uF
47K
3
1
BAT54/SOT
-15V
100pF
GND
2
SHDN
4
FB
3
Vin
5
SW
1
LP3301


Similar Part No. - LP3301

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3301

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
1.5MHz Fixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
logo
Maxim Integrated Produc...
MAX15062BEVKIT MAXIM-MAX15062BEVKIT Datasheet
1Mb / 8P
500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com