Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3301S Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3301S
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3301S Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3301S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP3301S
LP3301S– 00 Version1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 6 of 8
Applications Information
Inductor Selection
The recommended value of inductor for 30V applications are 4.7 to 22µH. Small size and better efficiency
are the major concerns for portable device, such as LP3301S used for mobile phone. The inductor should
have low core loss at 1.2MHz and low DCR for better efficiency. To avoid inductor saturation current rating
should be considered.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com