Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3311S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3311S
Description  1MHz Fixed-Frequency PWM Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3311S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3311S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3311S Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP3311S
LP3311s – 02 Version 2.0 Datasheet
May.-2013
www.lowpowersemi.com
Page 1 of 7
High Performance, Constant Current Switching
Regulator For 8PCS White LED In Series
General Description
The LP3311S is a 1MHz PWM boost switching regulator
designed for constant current white LED driver applications.
The LP3311S can drive a string of up to 8 white LED in
series, ensuring uniform brightness and eliminating several
ballast resistors. The LP3311S implements a constant
frequency 1MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component size. To improve efficiency, the
feedback voltage is set to 200 mV, which reduces the
power dissipation in the current setting resistor. Highly
integration and internal compensation network minimizes
as 5 external component counts. Optimized operation
frequency can meet the requirement of small LC filters
value and low operation current with high efficiency.
Ordering Information
LP3311S
F: Pb-Free
Package:
B6: SOT23-6
Pin Configurations
IN
EN
SW
OVP
FB
1
2
3
4
6
SOT-23-6
GND
5
Features
High Efficiency: 90% 
1MHz Fixed-Frequency PWM Operation
Maximum Output Voltage up to 29V
Operating Range : 2.7V to 5.5V
Shutdown Supply Current:<1uA 
Available in SOT23-6 Package 
Built-in 29V Over Voltage Protection 
Minimize the External Component
RoHS Compliant and 100% Lead
(Pb)-Free
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Typical Application Circuit
1uF
4.7uH
10uF
Vin
GND
EN
FB
Vin
SW
OVP
LP3311S
R1


Similar Part No. - LP3311S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3311S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
1.5MHz Fixed-Frequency PWM Operation
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
LP6217 POWER-LP6217 Datasheet
344Kb / 6P
1MHz fixed frequency switching
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
Fixed frequency operation
logo
Maxim Integrated Produc...
MAX15062BEVKIT MAXIM-MAX15062BEVKIT Datasheet
1Mb / 8P
500kHz Fixed-Frequency PWM Operation
Rev 0; 4/13
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com