Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3316 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3316
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3316 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3316 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3316 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP3316
LP3316– 00 Version1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 1 of 8
1.2MHz,30V/1.4A High Performance, Boost Converter
General Description
The LP3316 is a 1.2MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP3316 can drive a string of up to
30V. The LP3316 implements a constant frequency
1.2MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. To improve efficiency, the
feedback voltage is set to 1250 mV, which reduces
the power dissipation in the voltage setting resistor.
Highly integration and internal compensation
network minimizes as 5 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3316
F: Pb-Free
Package:
B5: SOT23-5
B6: SOT23-6
Pin Configurations
(TSOT23-6)
(SOT23-5)
Features
High Efficiency: 95%  
1.2MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 30V
Guaranteed 13V/400mA Output with 5V input
Operating Range : 2.7V to 5.5V
Shutdown Supply Current:<1uA  
Programmable Soft-star
Available in SOT23-6/SOT23-5 Package  
Minimize the External Component
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Panel Bais Voltage supply
OLED Backlight driver
Notebook Computers
Portable Applications
MID/PTV
Typical Application Circuit
Vin
10uH
SHDN
4
FB
3
Vin
6
SS
5
LP3316
C2
4.7uF
C3/NC
100pF
C1
4.7uF
C4
33nF
R2
100K
R1
860K
Vout
Marking information
Please view website.


Similar Part No. - LP3316

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3310B6F POWER-LP3310B6F Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3310QVF POWER-LP3310QVF Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
1MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3316

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3390 POWER-LP3390 Datasheet
299Kb / 8P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com