Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3382S Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3382S
Description  1.2MHzFixed-Frequency PWM Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3382S Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3382S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 8Page - Lowpower Semiconductor inc LP3382S Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Datasheet
LP3382S
LP3382S – 00 Version 1.0 Datasheet
OCT.-2012
www.lowpowersemi.com
Page 3 of 9
Typical Application Circuit
Cout
2.2uF
Panel
LP3382S for 6pcs Application Circuit
LP3382S for 2X7pcs Application Circuit
12
EN
4
FB
3
Vin
6
OVP
5
LP3382S
EN
4
FB
3
Vin
6
OVP
5
LP3382S
EN
4
FB
3
Vin
6
OVP
5
LP3382S
EN
4
FB
3
Vin
6
OVP
5
LP3382S
12
5.1
Panel
5.1
Panel
LP3382S for 7pcs Application Circuit
4.7uH
Rset
Rset
4.7uH
2
EN
4
FB
3
Vin
6
OVP
5
LP3382S
Vin
LP3382S for 2X6pcs Application Circuit
4.7uH
Vin
Rset
Vin
Panel
Vin
Panel
Vin
Rset
4.7uH
Rset
4.7uH
Cin
2.2uF
Cout
2.2uF
Cout
2.2uF
Cin
10uF
Cout
2.2uF
Cin
2.2uF
Cout
2.2uF
Cin
2.2uF
Cin
2.2uF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com