Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3385 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3385
Description  1.2MHzFixed-Frequency PWM Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3385 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3385 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3385 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Datasheet
LP3385
LP3385 – 00 Version 1.0 Datasheet
FEB.-2012
www.lowpowersemi.com
Page 1 of 9
High Performance, Constant Current Switching
Regulator For 39PCS White LED Driver
General Description
The LP3385 is a 1.2MHz PWM boost switching
regulator designed for constant- current white LED
driver applications. The LP3385 can drive a string of
up to 10 white LEDs in series, ensuring uniform
brightness and eliminating several ballast resistors.
The LP3385 implements a constant frequency
1.2MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. To improve efficiency, the
feedback voltage is set to 300 mV, which reduces
the power dissipation in the current setting resistor.
Highly integration and internal compensation
network minimizes as 5 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3385
F: Pb-Free
Package:
B6: SOT23-6
Pin Configurations
(SOT23-6)
Features
High Efficiency: 92%  
1.2MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 36V
Operating Range : 2.7V to 6V
Shutdown Supply Current:<1uA  
Available in SOT23-6 Package  
Built-in 36V Over Voltage Protection  
Minimize the External Component
RoHS Compliant and 100% Lead (Pb)-Free
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Typical Application Circuit
Cout
1uF
22uH
Cin
10uF
R1
15
Vin
VFB=300mV
PWM
EN
4
FB
3
Vin
6
OVP
5
U80
LP3385
Marking information
Part Number
Top Marking
Package
LP3385B6F
F8
SOT23-6
Other Information please view website:
www.lowpowersemi.com.


Similar Part No. - LP3385

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382B6F POWER-LP3382B6F Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382B6F POWER-LP3382B6F Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3385

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3390 POWER-LP3390 Datasheet
299Kb / 8P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com