Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6223 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6223
Description  Output to Input Disconnect at Shutdown Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6223 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6223 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6223 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6223 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6223 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6223 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6223 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP6223
LP6223 –00 Version 1.0 Datasheet
Jul.-2013
www.lowpowersemi.com - -
Page 1 of 6
High Efficiency Boost DC/DC Convertor
General Description
The LP6223 is a current mode boost DC-DC
converter. Its
PWM
circuitry with built-in
0.3Ω,24V,1.5A Current power MOSFET makes this
converter highly power efficiently. Selectable high
switching frequency allows faster loop response and
easy filtering with a low noise output. The
non-inverting input its error amplifier is connected
to an internal 0.6V precision reference voltage.
Soft-Start time can be programmed with an external
capacitor, which sets the input current ramp rate.
Current mode control and external compensation
network make it easy and flexible to stabilize the
system.
Ordering Information
LP6223 - □ □
□
F: Pb-Free
Package Type
B6: SOT23-6
Typical Application Circuit
2.2uH
22pF
+
22uF
Vin(3-5V)
R1
300K
R2
100K
EN
1
FB
6
VDD
5
LP6223
Vout_5V
10uF
Features
Up to 94% efficiency
 
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
 
Output voltage Up to 28V
Internal Compensation, Soft-start
1.1MHz fixed frequency switching
High switch on current:1.5A/30V
Available in sot23-6 Package  
Applications
Battery products
Host Products
Panel
Pin Configurations
Marking Information
Please see website:www.lowpowersemi.com.
LP6223B6F
5
4
3
2
1
6


Similar Part No. - LP6223

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6220A POWER-LP6220A Datasheet
361Kb / 8P
600mA LNB Power Supply & Control Voltage Regulator
LP6221 POWER-LP6221 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
LP6222B6F POWER-LP6222B6F Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results

Similar Description - LP6223

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6206 POWER-LP6206 Datasheet
369Kb / 7P
Output to Input Disconnect at Shutdown Mode
LP6212 POWER-LP6212 Datasheet
621Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6229 POWER-LP6229 Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
LP6252 POWER-LP6252 Datasheet
460Kb / 8P
Output to Input Disconnect at Shutdown Mode
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
LP6270 POWER-LP6270 Datasheet
245Kb / 6P
Output to Input Disconnect at Shutdown Mode
logo
Pepperl+Fuchs Inc.
FB6208B PF-FB6208B Datasheet
615Kb / 3P
Digital Output with Shutdown Input
LB6017E PF-LB6017E Datasheet
277Kb / 4P
Digital Output with Shutdown Input
2021-12-01
LB6113ER PF-LB6113ER Datasheet
582Kb / 4P
Digital Output with Shutdown Input
2022-01-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com