Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28007 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28007
Description  Internal Integrate P-MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28007 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP28007 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28007 Datasheet HTML 10Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Preliminary Datasheet
LP28007
LP28007 – 02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 11
Absolute Maximum Ratings (Notes 1.2)
VIN,VBATT,VCHGSB,VPGOOD,VEN -----------------------------------------------------------------------------
-0.3V to 18V
Storage Temperature Range-------------------------------------------------------------------------- -65℃ to 150℃
VISETA ------------------------------------------------------------------------------------------------------------------------ -0.3V to 3.6V
Junction Temperature (TJ )--------------------------------------------------------------------------------------- 150℃
Lead Temperature (soldering, 10 sec.) ------------------------------------------------------------------------------------------ 260℃
Operating Ratings (Note 1, 2)
Supply Voltage --------------------------------------------------------------------------------------------------------- 4.5V to 13.5V
Thermal Resistance(
θJA, Note 3)) --------------------------------------------------------------------------------------------20℃/W
Operating Temperature Range -----------------------------------------------------------------------------
-40℃ to 85℃
Thermal Resistance(
θJA, Note 4)) ------------------------------------------------------------------------------------------- 8.5℃/W
Electrical Characteristics
(TA=25℃, VIN=10V; unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Operating Voltage
Range
9
15
V
Icc
Input Supply Current
Charge Mode. RSET=30K
300
uA
Standby Mode (Charge
Terminated)
250
UA
Shutdown Mode (RSET Not
Connected VIN < VBATT or VIN
< Vuv)
190
uA
VFLOAT
Regulated Output(Float)
Voltage
0℃ ≦ TA ≦ 85℃
8.316
8.4
8.484
V
IBATT
BATT Pin Current
RSET=1.5k,Current Mode
500
mA
RSET=0.75k,Current Mode
1000
mA
Standby Mode, VBATT=8.4V
-1
0
1
uA
Shutdown Mode
-1
0
1
uA
Sleep Mode, VIN=0V
-1
0
1
uA
ITRICKLE
Trickle Charge Current
VBATT<VTRICKLE,
RSET=1.5K
60
mA
VBATT<VTRICKLE,
RSET=0.75K
120
mA
VTRICKLE
Trickle
Charge
Threshold
Voltage
RSET=1.5K, VBATT Rising
5.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com