Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP260MPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFP260MPBF
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP260MPBF Datasheet(HTML) 8 Page - International Rectifier

  IRFP260MPBF Datasheet HTML 1Page - International Rectifier IRFP260MPBF Datasheet HTML 2Page - International Rectifier IRFP260MPBF Datasheet HTML 3Page - International Rectifier IRFP260MPBF Datasheet HTML 4Page - International Rectifier IRFP260MPBF Datasheet HTML 5Page - International Rectifier IRFP260MPBF Datasheet HTML 6Page - International Rectifier IRFP260MPBF Datasheet HTML 7Page - International Rectifier IRFP260MPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP260MPbF
8
www.irf.com
TO-247AC Part Marking Information
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.03/2010
`@6SÃ Ã2Ã!
96U@Ã8P9@
Q6SUÃIVH7@S
DIU@SI6UDPI6G
GPBP
S@8UDAD@S
6TT@H7G`
$%ÃÃÃÃÃÃÃÃÃÃÃ$&
,5)3(
à "$C
GDI@ÃC
vqvph‡r†ÃÅGrhqA…rrÅ
X@@FÃ"$
GPUÃ8P9@
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅCÅ
6TT@H7G@9ÃPIÃXXÃ"$Ã!
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr†v‡v‚
@Y6HQG@)
XDUCÃ6TT@H7G`Ã
UCDTÃDTÃ6IÃDSAQ@"Ã
GPUÃ8P9@Ã$%$&
TO-247AC Package Outline (Dimensions are shown in millimeters (inches))
!‘
p
Å6Å
Å6Å
@
@!!
R
@!
!Y
G
G
9
6
r
!‘ÃÃi!
"‘ÃÃi
G@69ÃUDQ
T@@
WD@XÃÅ7Å
i#
7
6
‘Ã Ã
7 6Ã
6!
6
‘Ã Ã
7 6Ã
9
T
@
UC@SH6GÃQ69
$
‘ÃQ
‘Ã Ã
7 6Ã
WD@X)ÃÅ7Å
T@8UDPI)Ã88Ã99Ã@@
iÃi!Ãi#
p
76T@ÃH@U6G
QG6UDIB
WD@X)ÃÅ6ÅÃÃÅ6Å



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com