Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP3006PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP3006PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP3006PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFP3006PBF Datasheet HTML 1Page - International Rectifier IRFP3006PBF Datasheet HTML 2Page - International Rectifier IRFP3006PBF Datasheet HTML 3Page - International Rectifier IRFP3006PBF Datasheet HTML 4Page - International Rectifier IRFP3006PBF Datasheet HTML 5Page - International Rectifier IRFP3006PBF Datasheet HTML 6Page - International Rectifier IRFP3006PBF Datasheet HTML 7Page - International Rectifier IRFP3006PBF Datasheet HTML 8Page - International Rectifier IRFP3006PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
IRFP3006PbF
4
www.irf.com
© 2013 International Rectifier
September 06, 2013
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
55
60
65
70
75
80
ID = 5mA
Fig 8.
Maximum Safe Operating Area
Fig 9.
Maximum Drain Current vs. Case Temperature
Fig 10.
Drain-to-Source Breakdown Voltage
Fig 12.
Maximum Avalanche Energy vs. Drain Current
Fig 11.
Typical Coss Stored Energy
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
250
300
LIMITED BY PACKAGE
0.0
0.4
0.8
1.2
1.6
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
LIMITED BY PACKAGE
0
10
20
30
40
50
60
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
1200
1400
ID
TOP
20A
27A
BOTTOM
170A
Fig 7.
Typical Source-to-Drain Diode
Forward Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com