Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECH8501 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8501
Description  Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8501 Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8501 Datasheet HTML 1Page - ON Semiconductor ECH8501 Datasheet HTML 2Page - ON Semiconductor ECH8501 Datasheet HTML 3Page - ON Semiconductor ECH8501 Datasheet HTML 4Page - ON Semiconductor ECH8501 Datasheet HTML 5Page - ON Semiconductor ECH8501 Datasheet HTML 6Page - ON Semiconductor ECH8501 Datasheet HTML 7Page - ON Semiconductor ECH8501 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ECH8501
No. A1581-3/8
0
0
--1.0
--0.5
IC -- VCE
IT15618
--3.0
--2.0
--4.0
--5.0
--2.5
--1.5
--3.5
--4.5
--0.1
--0.3
--0.2
--0.4
--0.5
IB=0mA
--2mA
--4mA
--6mA
--8mA
--10mA
--40mA
--50mA
--30mA
--20mA
[PNP]
IC -- VCE
IT15619
[NPN]
0
0
1.0
0.5
3.0
2.0
4.0
5.0
2.5
1.5
3.5
4.5
0.1
0.3
0.2
0.4
0.5
IB=0mA
2mA
4mA
6mA
8mA
10mA
40mA
30mA
20mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IT15622
100
--0.01
2
3
5 7 --0.1
2
3
5 7
2
3
5 7
--1.0
--10
0.01
2
3
5 7 0.1
2
3
5 7
2
3
5 7
1.0
10
0.01
2
3
5 7 0.1
2
3
5 7
2
3
5 7
1.0
10
2
3
5
1000
7
5
7
100
--0.01
2
3
5 7 --0.1
2
3
5 7
2
3
5 7
--1.0
--10
2
3
5
1000
7
7
100
2
3
5
1000
7
100
2
3
5
1000
7
7
VCE= --0.5V
Ta=75°C
25°C
--25°C
[PNP]
IT15624
VCE= --2V
Ta=75°C
25°C
--25°C
[PNP]
IT15623
Ta=75°C
--25°C
25°C
Ta=75°C
--25°C
25°C
VCE=0.5V
[NPN]
IT15625
VCE=2V
[NPN]
IT15620
VCE= --2V
[PNP]
0
2
5
4
3
1
0
0.2
0.4
0.6
0.8
1.2
1.0
IT15621
0
--2
--5
--4
--3
--1
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
VCE=2V
[NPN]
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com