Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80T3003 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE80T3003
Description  Maximum Power Input 20 dBm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T3003 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE80T3003 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T3003 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T3003 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
The PE80T3003 is a U Band Waveguide Detector. The Detector operates in the 40 GHz to 60 GHz Frequency Range and
has a Negative Output with a Sensitivity of -800 mv/mW Minimum and -1000 mV/mW Typical. The unit operates over a 0°C to
+50°C Temperature Range and has a Maximum Input Power Rating of +20 dBm. The Detector has a WR-19 Waveguide with
UG-383/U Flange as the RF connector and the DC Output Port uses an SMA Female Connector.
Features
• Frequency: 40 GHz to 60 GHz
• Sensitivity: -800 mV/mW Minimum; -1000 mV/mW
Typical
• Maximum Power Input 20 dBm
• RF Connector WR-19 Waveguide with UG 383/U
Flange
Applications
• Test Lab
• Military Communications
• Commercial Communications
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
40
60
GHz
Voltage Sensitivity
-800
-1,000
mV/mW
Input Power
+20
dBm
. .
Mechanical Specifications
Temperature
Operating Range
0 to +50 deg C
Size
Length
1.24 in [31.5 mm]
Width
1 in [25.4 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.0625 lbs [28.35 g]
RF Connector
WR-19 Waveguide with UG-383/U Flange
DC Connector
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Zero Biased U Band Waveguide Detector, WR-19, Negative Video Out, 40 GHz to 60 GHz,
UG-383/U PE80T3003
PE80T3003
PE80T3003 REV 1.0
Zero Biased U Band Waveguide Detector, WR-19,
Negative Video Out, 40 GHz to 60 GHz, UG-383/U


Similar Part No. - PE80T3003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T3000 PASTERNACK-PE80T3000 Datasheet
378Kb / 3P
Zero Biased W Band Waveguide Detector, WR-10, Negative Video Out, 75 GHz to 100 GHz, UG-387-U
PE80T3001 PASTERNACK-PE80T3001 Datasheet
391Kb / 3P
Maximum Power Input 20 dBm
PE80T3002 PASTERNACK-PE80T3002 Datasheet
404Kb / 3P
Maximum Power Input 20 dBm
PE80T3004 PASTERNACK-PE80T3004 Datasheet
391Kb / 3P
DC Output: SMA Female Connector
PE80T3005 PASTERNACK-PE80T3005 Datasheet
389Kb / 3P
Maximum Power Input 20 dBm
More results

Similar Description - PE80T3003

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA100-160-32-20 TRANSCOM-TA100-160-32-20 Datasheet
17Kb / 1P
10 - 16GHz 20 dBm Amplifier
TA060-180-28-20 TRANSCOM-TA060-180-28-20 Datasheet
18Kb / 1P
6 - 18GHz 20 dBm Amplifier
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
2 - 20 GHz 20 dBm MMIC
logo
Lineage Power Corporati...
FLTR100V20 LINEAGEPOWER-FLTR100V20 Datasheet
478Kb / 12P
75 Vdc Input Maximum, 20 A Maximum
logo
Pasternack Enterprises,...
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
Amplifier, -20 to 20 dBm Pin, SMA
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
Amplifier, -20 to 20 dBm Pin, SMA
PE80T3001 PASTERNACK-PE80T3001 Datasheet
391Kb / 3P
Maximum Power Input 20 dBm
PE80T3002 PASTERNACK-PE80T3002 Datasheet
404Kb / 3P
Maximum Power Input 20 dBm
PE80T3005 PASTERNACK-PE80T3005 Datasheet
389Kb / 3P
Maximum Power Input 20 dBm
logo
Texas Instruments
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com