Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDZ5.6CF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDZ5.6CF
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ5.6CF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDZ5.6CF Datasheet HTML 1Page - KEC(Korea Electronics) KDZ5.6CF Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2007. 9. 10
2/2
KDZ5.6CF
Revision No : 1
IZ - VZ
PD - Ta
0
0
50
100
150
200
2
4
6
8
10
0
50
100
150
200
AMBIENT TEMPERATURE Ta ( C)
* MOUNTED ON A GLASS
EPOXY CIRCUIT BOARD
OF 20
x20mm
PAD DIMENSION
OF 4
x4mm
ZENER VOLTAGE VZ (V)
Ct - VR
REVERSE VOLTAGE VR (V)
01
345
2
15
20
25
30
0
5
10
2
01
34567



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com