Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA79M05PI Datasheet(PDF) 7 Page - KEC(Korea Electronics)

Part # KIA79M05PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M05PI Datasheet(HTML) 7 Page - KEC(Korea Electronics)

  KIA79M05PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M05PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2002. 9. 24
7/9
KIA79M05F/PI/T~79M15F/PI/T
Revision No : 2
0.9
INPUT VOLTAGE (V)
INPUT VOLTAGE
0
OUTPUT CURRENT (A)
20
0.1k
0.01k
FREQUENCY (Hz)
RIPPLE REJECTION
0.1K
FREQUENCY (Hz)
0.01K
100K
1K
10K
OUTPUT IMPEDANCE
1M
OUTPUT CURRENT (A)
0.1
0.6
0.4
0.8
0.2
MINIMUM INPUT-OUTPUT
5
1015
202530
0.95
1.0
1.05
1.1
1.15
QUIESCENT CURRENT vs
0.1
0
0.2
0.3
0.4
0.5
0.8
0.9
1.0
1.1
1.2
OUTPUT VOLTAGE vs
JUNCTION TEMPERATURE ( C)
0.990
-50
1.00
0.995
1.005
-25
1.01
0
25
50
75
100
125
150
0.990
0.995
1.00
1.005
1.01
TEMPERATURE
V
=-12V, -15V
OUT
V
=-5V
OUT
40
60
80
100
1k
10k
100k
V
=-12V
OUT
-15V
V
=-5V
OUT
V
-V
=5V
IN
OUT
T =25 C
j
C
=1
µF
OUT
SOLID TANTALUM
10
-2
-1
10
0
10
1
10
OUT
C
=5
µF
ACUMINUM
OUT
C
=1.0
µF
SOLID TANTALUM
C
=10
µF
OUT
SOLID TANTALUM
I
=100mA
OUT
IN
V
- V
=5V
OUT
j
T =25 C
00.3
0.4
0.5
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
DIFFERENTIAL
T =25 C
j
T =0 C
j
T =125 C
j
35
40
1.2
1.25
1.3
T =25 C
j
T =125 C
j
LOAD CURRENT
1.3
1.4
j
T =25 C
T =0 C
j
T =125 C
j



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com