Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS23P59 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS23P59
Description  P-Channel -60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P59 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS23P59 Datasheet HTML 1Page - Bruckewell Technology LTD MS23P59 Datasheet HTML 2Page - Bruckewell Technology LTD MS23P59 Datasheet HTML 3Page - Bruckewell Technology LTD MS23P59 Datasheet HTML 4Page - Bruckewell Technology LTD MS23P59 Datasheet HTML 5Page - Bruckewell Technology LTD MS23P59 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS23P59
P-Channel -60-V (D-S) MOSFET
Publication Order Number: [MS23P59]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
a (T
A =25°C)
-1.6
A
Continuous Drain Current
a (T
A =70°C)
-1.2
A
IDM
Pulsed Drain Current
b
-10
A
IS
Continuous Source Current (Diode Conduction)
a
-1.6
A
PD
Power Dissipation
a (T
A =25°C)
1.3
W
Power Dissipation
a (T
A =70°C)
0.8
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C
Thermal Resistance Ratings
Symbol
Parameter
Maximum
Units
RθJA
Maximum Junction-to-Ambient
a (t <= 10 sec)
100
°C/W
Maximum Junction-to-Ambient
a (Steady-State)
166
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
Static
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
VGS(th)
Gate-Threshold Voltage
VDS = VGS , ID = -250μA
-1
-1.8
-3.5
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = ±20 V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS = -48 V , VGS = 0 V
VDS = -48 V , VGS = 0 V , TJ= 55°C
-1
-10
uA
ID(on)
On-State Drain Current
VDS = 5 V , VGS = 10 V
-5
A
r
DS(on)
Drain-Source On-Resistance
VGS = -10 V , ID = -1.3 A
VGS = -4.5 V , ID = -1.1 A
381
561
Ω
gfs
Forward Tranconductance
VDS = -15 V , ID = -1.3 A
10
S
VSD
Diode Forward Voltage
IS = -0.8 A , VGS = 0 V
-0.83
V
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
VDS = -30 V , ID = -1.3 A ,
VGS = -4.5 V
--
5
--
nC
Qgs
Gate-Source Charge
--
1.5
--
nC
Qgd
Gate-Drain Charge
--
2.5
--
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com