Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS23P61 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS23P61
Description  P-Channel -60-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS23P61 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS23P61 Datasheet HTML 1Page - Bruckewell Technology LTD MS23P61 Datasheet HTML 2Page - Bruckewell Technology LTD MS23P61 Datasheet HTML 3Page - Bruckewell Technology LTD MS23P61 Datasheet HTML 4Page - Bruckewell Technology LTD MS23P61 Datasheet HTML 5Page - Bruckewell Technology LTD MS23P61 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS23P61
P-Channel -60-V (D-S) MOSFET
Publication Order Number: [MS23P61]
© Bruckewell Technology Corporation Rev. A -2014
Description
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low rDS(on) and to
ensure minimal power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and
cordless telephones.
Features
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
• RoHS compliant package
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Packing & Order Information
3,000/Reel
Graphic symbol


Similar Part No. - MS23P61

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS23P01 BWTECH-MS23P01 Datasheet
626Kb / 6P
P-Channel 20-V (D-S) MOSFET
MS23P01S BWTECH-MS23P01S Datasheet
380Kb / 6P
P-Channel Enhancement Mode Power MOSFET
MS23P19Z BWTECH-MS23P19Z Datasheet
581Kb / 6P
20V P-Channel MOSFETs
MS23P21 BWTECH-MS23P21 Datasheet
257Kb / 4P
P-Channel 20-V (D-S) MOSFET
MS23P25 BWTECH-MS23P25 Datasheet
441Kb / 5P
P-Channel 20-V (D-S) MOSFET
More results

Similar Description - MS23P61

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com