Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS45C41 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS45C41
Description  Low rDS(on) trench technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS45C41 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS45C41 Datasheet HTML 1Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 2Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 3Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 4Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 5Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 6Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 7Page - Bruckewell Technology LTD MS45C41 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MS45C41
N & P-Channel 40-V (D-S) MOSFET
Publication Order Number: [MS45C41]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
N-Channel
VDS = 20 V , ID = 5.3 A,
VGS = 10 V
--
3.6
--
nC
Qgs
Gate-Source Charge
--
1.3
--
nC
Qgd
Gate-Drain Charge
--
1.4
--
nC
td(on)
Turn-On Delay Time
N-Channel
ID = 5.3 A , RL = 3.5 Ω,
VGEN = 10 V , RGEN = 6 Ω
VDD = 20 V
--
2
--
ns
tr
Rise Time
--
18
--
ns
td(off)
Turn-Off Delay Time
--
16
--
ns
tf
Fall Time
--
5
--
ns
CISS
Input Capacitance
N-Channel
VDS = 15 V
f = 1 MHz ,VGS = 0 V
--
287
--
pF
COSS
Output Capacitance
--
42
--
pF
CRSS
Reverse Transfer Capacitance
--
34
--
pF
Qg
Total Gate Charge
P-Channel
VDS = -20 V , ID = -3.6 A,
VGS = -10 V
--
5.8
--
nC
Qgs
Gate-Source Charge
--
1.6
--
nC
Qgd
Gate-Drain Charge
--
2.3
--
nC
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Delay Time
P-Channel
ID = -3.6 A , RL = 5.5 Ω,
VGEN = -10 V , RGEN = 6 Ω
VDD = -20 V
--
4
--
ns
tr
Rise Time
--
5
--
ns
td(off)
Turn-Off Delay Time
--
17
--
ns
tf
Fall Time
--
7
--
ns
CISS
Input Capacitance
P-Channel
VDS = -15 V
f = 1 MHz ,VGS = 0 V
--
384
--
pF
COSS
Output Capacitance
--
36
--
pF
CRSS
Reverse Transfer Capacitance
--
36
--
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com