Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5350Z Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS5350Z
Description  50 V low VCEsat PNP transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS5350Z Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS5350Z Datasheet HTML 1Page - NXP Semiconductors PBSS5350Z Datasheet HTML 2Page - NXP Semiconductors PBSS5350Z Datasheet HTML 3Page - NXP Semiconductors PBSS5350Z Datasheet HTML 4Page - NXP Semiconductors PBSS5350Z Datasheet HTML 5Page - NXP Semiconductors PBSS5350Z Datasheet HTML 6Page - NXP Semiconductors PBSS5350Z Datasheet HTML 7Page - NXP Semiconductors PBSS5350Z Datasheet HTML 8Page - NXP Semiconductors PBSS5350Z Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2003 Jan 20
2003 May 13
DISCRETE SEMICONDUCTORS
PBSS5350Z
50 V low VCEsat PNP transistor
handbook, halfpage
M3D087


Similar Part No. - PBSS5350Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
76Kb / 12P
50 V low VCEsat PNP transistor
2003 May 13
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS5350Z NXP-PBSS5350Z Datasheet
156Kb / 9P
50 V low VCEsat PNP transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
PBSS5350Z-Q NEXPERIA-PBSS5350Z-Q Datasheet
251Kb / 12P
50 V, 3 A PNP low VCEsat transistor
31 August 2022
More results

Similar Description - PBSS5350Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350Z PHILIPS-PBSS5350Z Datasheet
76Kb / 12P
50 V low VCEsat PNP transistor
2003 May 13
PBSS5350SS NXP-PBSS5350SS Datasheet
100Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
PBSS5350D NXP-PBSS5350D Datasheet
153Kb / 9P
50 V low VCEsat PNP transistor
2001 Nov 13
PBSS5350Z NXP-PBSS5350Z Datasheet
156Kb / 9P
50 V low VCEsat PNP transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS5350D-Q NEXPERIA-PBSS5350D-Q Datasheet
219Kb / 9P
50 V, 3 A PNP low VCEsat transistor
10 May 2022
PBSS5350T-Q NEXPERIA-PBSS5350T-Q Datasheet
225Kb / 11P
50 V, 3 A PNP low VCEsat transistor
10 May 2022
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
50 V, 3 A PNP low VCEsat transistor
16 May 2022
PBSS5350Z-Q NEXPERIA-PBSS5350Z-Q Datasheet
251Kb / 12P
50 V, 3 A PNP low VCEsat transistor
31 August 2022
PBSS5350D NEXPERIA-PBSS5350D Datasheet
999Kb / 9P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
PBSS5350T NEXPERIA-PBSS5350T Datasheet
1Mb / 11P
50 V, 3 A PNP low VCEsat transistor
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com