Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBB08 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DBB08
Description  0.8A Single-Phase Bridge Rectifi er
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DBB08 Datasheet(HTML) 1 Page - ON Semiconductor

  DBB08 Datasheet HTML 1Page - ON Semiconductor DBB08 Datasheet HTML 2Page - ON Semiconductor DBB08 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90413 TKIM/52098HA (KT)/62096GI (KOTO)/92294MO 8-7589/4218TA, TS 8-2176 No. 2772-1/3
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
DBB08
0.8A Single-Phase Bridge Rectifier
Features
•
Plastic molded structure and ultrasmall package making it easy to make DBB08-applied sets smaller.
•
Glass passivation for high reliability.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
DBB08G
Unit
Peak Reverse Voltage
VRM
600
V
Average Recitifiedd Current
IO
Alumina board
0.8
A
PCB
0.5
A
Surge Forward Current
IFSM
50Hz sine wave, 1cycle
30
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--40 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Forward Voltage
VF
IF=0.4A
1.05
V
Reverse Current
IR
VR:At each VRM
10
μA
Thermal Resistance
Rth(j-a)
Mounted on Cu foil (1mm×1mm) on alumina boad
76
°C / W
Mounted on PCB
134
°C / W
Ordering number : EN2772C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 3 of this data sheet.


Similar Part No. - DBB08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
0.8A Single-Phase Bridge Rectifier
More results

Similar Description - DBB08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
0.8A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C800 WTE-B40C800_06 Datasheet
46Kb / 4P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
SBS822 SANYO-SBS822 Datasheet
253Kb / 3P
20V, 1A Rectifi er
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
SBT80-10GS SANYO-SBT80-10GS Datasheet
238Kb / 3P
100V, 8A Rectifi er
logo
Central Semiconductor C...
PBCBRLDSH1-40_1509 CENTRAL-PBCBRLDSH1-40_1509 Datasheet
1Mb / 2P
1.0A, 40V Schottky Bridge Rectifi er
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
EMB1F DYELEC-EMB1F Datasheet
902Kb / 2P
SINGLE PHASE 0. AMP SUPER FAST GLASS PASSIVATED BRIDGE RECTIFI 8 ER
logo
IXYS Corporation
DLA100B1200LB IXYS-DLA100B1200LB Datasheet
153Kb / 4P
High Effi ciency Standard Rectifier Single Phase Rectifi er Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com