Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3107PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS3107PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3107PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS3107PBF Datasheet HTML 1Page - International Rectifier IRFS3107PBF Datasheet HTML 2Page - International Rectifier IRFS3107PBF Datasheet HTML 3Page - International Rectifier IRFS3107PBF Datasheet HTML 4Page - International Rectifier IRFS3107PBF Datasheet HTML 5Page - International Rectifier IRFS3107PBF Datasheet HTML 6Page - International Rectifier IRFS3107PBF Datasheet HTML 7Page - International Rectifier IRFS3107PBF Datasheet HTML 8Page - International Rectifier IRFS3107PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFS/SL3107PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Bond wire current limit is 195A. Note that current
limitations arising from heating of the device leads may occur with
some lead mounting arrangements.
(Refer to AN-1140)
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.045mH
RG = 25Ω, IAS = 140A, VGS =10V. Part not recommended for use
above this value .
S
D
G
„ ISD ≤ 140A, di/dt ≤ 1380A/μs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400μs; duty cycle ≤ 2%.
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom
mended footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C
Š RθJC value shown is at time zero.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.09
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.5
3.0
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.2
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
230
–––
–––
S
Qg
Total Gate Charge
–––
160
240
nC
Qgs
Gate-to-Source Charge
–––
38
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
54
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
106
–––
td(on)
Turn-On Delay Time
–––
19
–––
ns
tr
Rise Time
–––
110
–––
td(off)
Turn-Off Delay Time
–––
99
–––
tf
Fall Time
–––
100
–––
Ciss
Input Capacitance
–––
9370 –––
pF
Coss
Output Capacitance
–––
840
–––
Crss
Reverse Transfer Capacitance
–––
580
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) ––– 1130 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)h ––– 1500 –––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
––– 230c
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
900
A
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
54
–––
ns
TJ = 25°C
VR = 64V,
–––
60
–––
TJ = 125°C
IF = 140A
Qrr
Reverse Recovery Charge
–––
103
–––
nC TJ = 25°C
di/dt = 100A/μs
g
–––
132
–––
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.6
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 140A
RG = 2.7
Ω
VGS = 10V
g
VDD = 49V
ID = 140A, VDS =0V, VGS = 10V
TJ = 25°C, IS = 140A, VGS = 0V
g
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 5mA
d
VGS = 10V, ID = 140A
g
VDS = VGS, ID = 250μA
VDS = 75V, VGS = 0V
VDS = 75V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =38V
Conditions
VGS = 10V
g
VGS = 0V
VDS = 50V
ƒ = 1.0 MHz, See Fig. 5
VGS = 0V, VDS = 0V to 60V
i, See Fig. 11
VGS = 0V, VDS = 0V to 60V
h
Conditions
VDS = 50V, ID = 140A
ID = 140A
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com