Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS3306PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS3306PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3306PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS3306PBF Datasheet HTML 1Page - International Rectifier IRFS3306PBF Datasheet HTML 2Page - International Rectifier IRFS3306PBF Datasheet HTML 3Page - International Rectifier IRFS3306PBF Datasheet HTML 4Page - International Rectifier IRFS3306PBF Datasheet HTML 5Page - International Rectifier IRFS3306PBF Datasheet HTML 6Page - International Rectifier IRFS3306PBF Datasheet HTML 7Page - International Rectifier IRFS3306PBF Datasheet HTML 8Page - International Rectifier IRFS3306PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HEXFET® Power MOSFET
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
l RoHS Compliant, Halogen-Free
Applications
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
D2Pak
IRFS3306PbF
TO-220AB
IRFB3306PbF
TO-262
IRFSL3306PbF
S
D
G
S
D
G
S
D
G
D
D
D
GD
S
Gate
Drain
Source
S
D
G
VDSS
60V
RDS(on) typ.
3.3m:
max.
4.2m
:
ID (Silicon Limited)
160A c
ID (Package Limited)
120A
IRFB3306PbF
IRFS3306PbF
IRFSL3306PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
April 24, 2014
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
IDM
Pulsed Drain Current d
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery f
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy e
mJ
IAR
Avalanche CurrentÃd
A
EAR
Repetitive Avalanche Energy g
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case k
–––
0.65
RθCS
Case-to-Sink, Flat Greased Surface , TO-220
0.50
–––
RθJA
Junction-to-Ambient, TO-220 k
–––
62
RθJA
Junction-to-Ambient (PCB Mount) , D2Pak jk
–––
40
A
°C
°C/W
300
184
See Fig. 14, 15, 22a, 22b,
230
14
-55 to + 175
± 20
1.5
10lbx in (1.1Nx m)
Max.
160™
110™
620
120
Form
Quantity
IRFB3306PbF
TO-220
Tube
50
IRFB3306PbF
IRFSL3306PbF
TO-262
Tube
50
IRFSL3306PbF
Tube
50
IRFS3306PbF
Tape and Reel Left
800
IRFS3306TRLPbF
Tape and Reel Right
800
IRFS3306TRRPbF
Base Part Number
Package Type
Standard Pack
Orderable Part Number
IRFS3306PbF
D2Pak


Similar Part No. - IRFS3306PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS3306PBF IRF-IRFS3306PBF Datasheet
433Kb / 11P
High Efficiency Synchronous Rectification in SMPS
IRFS3306PBF IRF-IRFS3306PBF Datasheet
446Kb / 11P
High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS3306PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF_15 Datasheet
367Kb / 9P
High Efficiency Synchronous Rectification in SMPS
IRFP3306PBF IRF-IRFP3306PBF_15 Datasheet
301Kb / 8P
High Efficiency Synchronous Rectification in SMPS
IRFP4004PBF IRF-IRFP4004PBF_15 Datasheet
300Kb / 8P
High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRFP4768PBF INFINEON-IRFP4768PBF Datasheet
476Kb / 9P
High Efficiency Synchronous Rectification in SMPS
2016-12-12
IRFP4568PBP INFINEON-IRFP4568PBP Datasheet
325Kb / 8P
High Efficiency Synchronous Rectification in SMPS
09/08/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com