Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4115PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFS4115PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4115PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFS4115PBF Datasheet HTML 1Page - International Rectifier IRFS4115PBF Datasheet HTML 2Page - International Rectifier IRFS4115PBF Datasheet HTML 3Page - International Rectifier IRFS4115PBF Datasheet HTML 4Page - International Rectifier IRFS4115PBF Datasheet HTML 5Page - International Rectifier IRFS4115PBF Datasheet HTML 6Page - International Rectifier IRFS4115PBF Datasheet HTML 7Page - International Rectifier IRFS4115PBF Datasheet HTML 8Page - International Rectifier IRFS4115PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRFS/SL4115PbF
www.irf.com
5
Fig. 13 Maximum Effective Transient Thermal Impedance, Junction-to-Case
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.245
0.0059149
0.155
0.0006322
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
R
1
R
1
R
2
R
2
τ
C
τ
C
Ci =
τi/Ri
Ci=
τi/Ri
Fig. 14 - Typical Recovery Current vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/μs)
0
10
20
30
40
50
IF = 42A
VR = 130V
TJ = 25°C
TJ = 125°C
Fig. 15 - Typical Recovery Current vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/μs)
0
10
20
30
40
50
IF = 62A
VR = 130V
TJ = 25°C
TJ = 125°C
Fig. 16 - Typical Stored Charge vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/μs)
0
500
1000
1500
2000
2500
IF = 42A
VR = 130V
TJ = 25°C
TJ = 125°C
Fig. 17 - Typical Stored Charge vs. dif/dt
0
200
400
600
800
1000
diF /dt (A/μs)
0
600
1200
1800
2400
3000
IF = 62A
VR = 130V
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com