Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFS4310PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS4310PBF
Description  High Efficiency Synchronous Rectification in SMPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4310PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS4310PBF Datasheet HTML 1Page - International Rectifier IRFS4310PBF Datasheet HTML 2Page - International Rectifier IRFS4310PBF Datasheet HTML 3Page - International Rectifier IRFS4310PBF Datasheet HTML 4Page - International Rectifier IRFS4310PBF Datasheet HTML 5Page - International Rectifier IRFS4310PBF Datasheet HTML 6Page - International Rectifier IRFS4310PBF Datasheet HTML 7Page - International Rectifier IRFS4310PBF Datasheet HTML 8Page - International Rectifier IRFS4310PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF/B/S/SL4310PbF
2
www.irf.com
Notes:
 Calculated continuous current based on maximum allowable junction
temperature. Package limitation current is 75A
‚ Repetitive rating; pulse width limited by max. junction
temperature.
ƒ Limited by TJmax, starting TJ = 25°C, L = 0.35mH
RG = 25Ω, IAS = 75A, VGS =10V. Part not recommended for use
above this value.
„ I
SD ≤ 75A, di/dt ≤ 550A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
… Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
† Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
‡ Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended
footprint and soldering techniques refer to application note #AN-994.
‰ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V
(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.064
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
5.6
7.0
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
RG
Gate Input Resistance
–––
1.4
–––
Ω f = 1MHz, open drain
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
160
–––
–––
S
Qg
Total Gate Charge
–––
170
250
nC
Qgs
Gate-to-Source Charge
–––
46
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
62
–––
td(on)
Turn-On Delay Time
–––
26
–––
ns
tr
Rise Time
–––
110
–––
td(off)
Turn-Off Delay Time
–––
68
–––
tf
Fall Time
–––
78
–––
C
iss
Input Capacitance
–––
7670
–––
pF
C
oss
Output Capacitance
–––
540
–––
C
rss
Reverse Transfer Capacitance
–––
280
–––
C
oss eff. (ER)
Effective Output Capacitance (Energy Related)
i –––
650
–––
C
oss eff. (TR)
Effective Output Capacitance (Time Related)
h
–––
720.1
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
130
™
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
550
(Body Diode)
Ãdi
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
45
68
ns
TJ = 25°C
VR = 85V,
–––
55
83
TJ = 125°C
IF = 75A
Qrr
Reverse Recovery Charge
–––
82
120
nC
TJ = 25°C
di/dt = 100A/µs
g
–––
120
180
TJ = 125°C
IRRM
Reverse Recovery Current
–––
3.3
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
V
DS = 50V, ID = 75A
I
D = 75A
V
GS = 20V
V
GS = -20V
MOSFET symbol
showing the
V
DS = 80V
Conditions
V
GS = 10V g
VGS = 0V
VDS = 50V
ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V j, See Fig.11
VGS = 0V, VDS = 0V to 80V h, See Fig. 5
T
J = 25°C, IS = 75A, VGS = 0V g
integral reverse
p-n junction diode.
Conditions
V
GS = 0V, ID = 250µA
Reference to 25°C, I
D = 1mAd
V
GS = 10V, ID = 75A g
V
DS = VGS, ID = 250µA
V
DS = 100V, VGS = 0V
V
DS = 100V, VGS = 0V, TJ = 125°C
I
D = 75A
R
G = 2.6Ω
V
GS = 10V g
V
DD = 65V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com