Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV5686PVC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LV5686PVC
Description  Multi-Power Supply IC for Car Audio Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5686PVC Datasheet(HTML) 2 Page - ON Semiconductor

  LV5686PVC Datasheet HTML 1Page - ON Semiconductor LV5686PVC Datasheet HTML 2Page - ON Semiconductor LV5686PVC Datasheet HTML 3Page - ON Semiconductor LV5686PVC Datasheet HTML 4Page - ON Semiconductor LV5686PVC Datasheet HTML 5Page - ON Semiconductor LV5686PVC Datasheet HTML 6Page - ON Semiconductor LV5686PVC Datasheet HTML 7Page - ON Semiconductor LV5686PVC Datasheet HTML 8Page - ON Semiconductor LV5686PVC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LV5686PVC
No.A2122-2/14
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Conditions
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
36
V
Independent IC
1.3
W
Al heat sink *
5.3
W
Allowable power dissipation
Pd max
With an infinity heat sink
Ta
≤ 25°C
26.0
W
Peak supply voltage
VCC peak
See below for the waveform applied.
50
V
Operating ambient temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
Junction temperature
Tj max
150
°C
* : When the Aluminum heat sink (50mm
× 50mm × 1.5mm) is used
Waveform of surge test
100msec
5msec
16V
50V
10%
90%
Recommended Operating Range
at Ta = 25
°C
Parameter
Conditions
Ratings
Unit
Operating supply voltage 1
VDD(5V)
6.5 to 16
V
Operating supply voltage 2
AUDIO(9V)
11.5 to 16
V
Operating supply voltage 3
ILM(9.85V)
12.5 to 16
V
Operating supply voltage 4
AMP, ANT, EXT1, EXT2, EXT3, EXT4
7.5 to 16
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com