Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80L2000 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE80L2000
Description  High Speed 10 Watt CW Limit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L2000 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE80L2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE80L2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TECHNICAL DATA SHEET
PE80L2000
PE80L2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA High Power Limiter, 100 Watts Peak Power, 12 ns Recovery, 15 dBm Flat Leakage,
6 GHz to 18 GHz PE80L2000
SMA High Power Limiter, 100 Watts Peak Power, 12 ns
Recovery, 15 dBm Flat Leakage, 6 GHz to 18 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com