Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D033S/F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78D033S/F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D033S/F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78D033S/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D033S/F Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2004. 12. 13
1/9
Revision No : 1
3 TERMINAL LOW DROP VOLTAGE REGULATOR
The KIA78D
××× Series are Low Dropout Voltage Regulator
suitable for various electronic equipments.
The Regulator has multi function such as over current protection,
overheat protection.
FEATURES
・1.0A Output Low Drop Voltage Regulator.
・Bulit in Over Current Protection, Over Heat Protetion Function.
・Low Quiescent Current :0.8mA (Typ.)
LINE UP
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA78D015S/F
1.5
S : SOT-223
F : DPAK
KIA78D018S/F
1.8
KIA78D020S/F
2.0
KIA78D025S/F
2.5
KIA78D030S/F
3.0
KIA78D033S/F
3.3
KIA78D050S/F
5.0
* KIA78D015PI
1.5
PI : TO-220IS
* KIA78D018PI
1.8
* KIA78D020PI
2.0
* KIA78D025PI
2.5
* KIA78D030PI
3.0
* KIA78D033PI
3.3
* KIA78D050PI
5.0
SEMICONDUCTOR
TECHNICAL DATA
KIA78D015S/F/PI~
KIA78D050S/F/PI
BIPOLAR LINEAR INTEGRATED CIRCUIT
* : Under Development.


Similar Part No. - KIA78D033S/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D05 KEC-KIA78D05 Datasheet
402Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D05 KEC-KIA78D05 Datasheet
67Kb / 6P
SEMICONDUCTOR
KIA78D05 KEC-KIA78D05 Datasheet
893Kb / 6P
SEMICONDUCTOR
KIA78D05AF KEC-KIA78D05AF Datasheet
650Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78D05F KEC-KIA78D05F Datasheet
402Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
More results

Similar Description - KIA78D033S/F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com