Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D050S/F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KIA78D050S/F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D050S/F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KIA78D050S/F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D050S/F Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2004. 12. 13
6/9
KIA78D015S/F/PI~KIA78D050S/F/PI
Revision No : 1
ELECTRICAL CHARACTERISTICS
KIA78D050S/F/PI (Unless otherwise specified, VIN=7V, Tj=25℃
℃)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
VIN=7V, IOUT=0.5A
4.88
5.0
5.12
V
6.0V
≦V
IN≦12V, 5mA≦IOUT≦1A,
0
℃≦Tj≦125℃
4.83
5.0
5.17
Line Regulation
Reg Line
6.0V
≦V
IN≦12V, IOUT=0.5A
-
5
20
mV
Load Regulation
Reg Load
VIN=7.0V, 5mA≦IOUT≦1A
-
5
20
mV
Quiescent Current
IB
6.0V
≦V
IN≦12V, IOUT=0A
-
0.8
1.8
mA
6.0V
≦V
IN≦12V, IOUT=1A
-
10
20
Starting Quiescent Current
IBstart
VIN=2.1V, IOUT=0A
-
1.3
5
mA
VIN=3.0V, IOUT=1A
-
14
30
Output Noise Voltage
VNO
VIN=7.0V, IOUT=50mA,
10Hz
≦f≦100kHz
-
150
-
μVrms
Ripple Rejection
R
・R
6.0V
≦V
IN≦12V, IOUT=50mA, f=120Hz
48
60
-
dB
Dropout Voltage
VD
IOUT=0.5A
-
0.3
0.5
V
IOUT=1A
-
0.5
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com