Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7423P Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA7423P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7423P Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA7423P Datasheet HTML 1Page - KEC(Korea Electronics) KIA7423P Datasheet HTML 2Page - KEC(Korea Electronics) KIA7423P Datasheet HTML 3Page - KEC(Korea Electronics) KIA7423P Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1999. 11. 25
2/4
KIA7419P/F~KIA7445P/F
Revision No : 2
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CIR.
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Detecting Voltage
VS
1
RL=4.7kΩ
VOH≧VOL-0.4
KIA7419P/F
KIA7421P/F
KIA7423P/F
KIA7425P/F
KIA7427P/F
KIA7429P/F
KIA7431P/F
KIA7432P/F
KIA7433P/F
KIA7434P/F
KIA7435P/F
KIA7436P/F
KIA7439P/F
KIA7442P/F
KIA7445P/F
1.75
1.95
2.15
2.35
2.55
2.75
2.95
3.05
3.15
3.25
3.35
3.45
3.70
4.00
4.30
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.2
3.3
3.4
3.5
3.6
3.9
4.2
4.5
2.05
2.25
2.45
2.65
2.85
3.05
3.25
3.35
3.45
3.55
3.65
3.75
4.10
4.40
4.70
V
Low-Level Output Voltage
VOL
1
RL=4.7kΩ
VCC -0.4
--
V
Output Leakage Current
IOL
1
VCC=7.5V
-
-
0.1
μA
Hysterisis Voltage
Vs
1
RL=4.7kΩ
KIA7419P/F
20
50
100
mV
KIA7421P/F
KIA7423P/F
30
50
100
Detecting Voltage
Temperature Coefficient
Vs/
ΔT
1
RL=4.7kΩ
-
±0.01
-
%/
℃
Circuit Current at on Time
IccH
1
VCC=Vsmin -0.05V
-
300
500
μA
Circuit Current at off Time
IccL
1
VCC=5.25V
KIA7419P/F
-30
70
μA
KIA7421P/F
KIA7423P/F
-30
50
Threshold Operating Voltage
Vopr
1
RL=4.7kΩ, VOH≧VCC-0.4
-
0.8
-
V
"L" Transmission DELAY Time
tpHL
2
RL=4.7kΩ, CL=100pF
-10-
μs
"H" Transmission DELAY Time
tpLH
2
RL=4.7kΩ, CL=100pF
-10-
μs
Output Current
IOH
1
VCC=Vsmin -0.05V,
RL=0Ω, Tc=25℃
-2.0
-5.0
-
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
-0.3
~+7.5
V
Power Dissipation
(Package Limitation)
KIA7419P
~45P
PD
400
mW
KIA7419P
~45F
500
Operating Temperature
Topr
-30
~+75
℃
Storage Temperature
Tstg
-55
~150
℃
Type No.
Marking
Type No.
Marking
KIA7419F
4A
KIA7433F
4J
KIA7421F
4B
KIA7434F
4K
KIA7423F
4C
KIA7435F
4L
KIA7425F
4D
KIA7436F
4M
KIA7427F
4E
KIA7439F
4N
KIA7429F
4F
KIA7442F
4P
KIA7431F
4G
KIA7445F
4R
KIA7432F
4H
Marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com