Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA7906PI Datasheet(PDF) 14 Page - KEC(Korea Electronics)

Part # KIA7906PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7906PI Datasheet(HTML) 14 Page - KEC(Korea Electronics)

Back Button KIA7906PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 10Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 11Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 12Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 13Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 14Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 15Page - KEC(Korea Electronics) KIA7906PI Datasheet HTML 16Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2007. 9. 7
14/16
KIA7905F/PI~KIA7924F/PI
Revision No : 3
Fig.1 Standard Test Circuit
Notes : (1) To specify an output voltage, substitute voltage value for
"XX"
(2) Required for stability. For value given, capacitor must be solid tantalum. If alumininum electrolitics are used,
at least ten times value shown should be selected. CI is required if regulator is located an appreciable distance
from power supply filter.
(3) To improve transient response. If large capacitors are used, a high current diode from input to output
KIA79XX
2
V
1
3
A
V
A
VIN
C1
VO
C0
I O
A
O
2
V
C1
KIA79XX
V
3
1
C
V
A
O
I
FILTER
10Hz~100kHz
NOISE
METER
KIA79XX
2
1
3
VO
1
C
0
C
I O
OSCILLOSCOPE
30cm
e =1V
f=120Hz
i
p-p
R.R.=20 og e
o
e i
(dB)
l
(2)
(3)
<
=
VIN
VIN
Fig.2 VNO Test Circuit
Fig.3 Ripple Rejection Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com